Part Number Hot Search : 
LM33905 CXD2424R T54FC FR240 LTC1863L BL8068 AN531 13600
Product Description
Full Text Search
 

To Download IRFZ44N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220 parameter l value unit drain-source voltage v dss 55 v drain current - continuous i d 49 a drain current - pulsed i dm 160 a gate-source voltage v gss 20 v power dissipation p d 94 w max. operating junction temperature t j 150 o c storage temperature t stg -55~150 o c IRFZ44N description parameter symbol test conditions min. typ. max. unit drain-source breakdown voltage bv dss v gs = 0v, i d =250 a 55 v zero gate voltage drain current i dss v ds =55v, v gs =0v 10 ua gate-body leakage current, forward i gssf v gs =20v, v ds =0v 100 na gate-body leakage current, reverse i gssr v gs = -20v, v ds =0v -100 na gate threshold voltage v gs(th) v ds = v gs , i d =250 a 2.0 3.0 4.0 v static drain-source on-resistance r ds(on) v gs = 10 v, i d = 25 a 0.0175 w drain-source diode forward voltage v sd v gs = 0 v, i s = 25 a 1.3 v n-channel power mosfet product specification process has specifically been designed to minimize input capacitance and gate charge. it is therefore suitable as primary switch in advanced highefficiency, high-frequency isolated dc-dc converters for telecom and computer applications. it is also intended for any applications with low gate drive requirements. electrical characteristics absolute maximum ratings( ta = 25 c) o ( ta = 25 c) o tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of IRFZ44N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X